PART |
Description |
Maker |
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
SRJ23A3BBBNN |
Rocker Switch; Circuitry:SPST-NO; Switch Operation:On-On; Contact Current Max:20A; Contact Rating:20A; Leaded Process Compatible:Yes; Mounting Type:Panel; Peak Reflow Compatible (260 C):No; Switch Function:SPST-NO
|
THE CHERRY CORP
|
E75-20A E75-42A E69-21A E69-31A E69-41A E69-51A E6 |
SNAP ACTING/LIMIT SWITCH, DPDT, LATCHED, 0.1A, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 0.1A, 7.63mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, LATCHED, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.72mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 7.63mm, PANEL MOUNT SWITCH SNAP MOM SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.63mm, PANEL MOUNT
|
THE CHERRY CORP
|
FT2500BH FT2500BH-32 FT2500BH-36 FT2500BH-40 FT250 |
Phase Control SCR 2500 Amperes Avg 1600-2800 Volts BSHG - 1/0 TO #2 RoHS Compliant: Yes Bushing; Body Material:Polycarbonate; Leaded Process Compatible:No; Contact Termination:Crimp RoHS Compliant: Yes BUSHING #6 TO #10-12 RoHS Compliant: Yes BUSHING #2 CABLE (1S0602P2) RoHS Compliant: Yes 相位控制晶闸管二五○○安培平600-2800伏特
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
PCN11S-PFB-2-CP PCN11-100P-2.54WC-2 PCN11-96P-2.54 |
100 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type) PCN11系列(产品符合符合DIN标准:无焊连接类型) 96 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT SWITCH PB MOM SPDT 3A R/A SWITCH PB SPDT VERT 3A PCB SWITCH PB SPDT VERT SOLDER 3A Snap Acting pushbutton switches feature multiple termination options Snap acting pushbutton switches with snap in panel mount option SMB MINI 75 OHM JACK 2 HOLE FLANGE SOLDER CUP GOLD SWITCH PB SPDT VERT SOLDER .4A
|
http:// TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Honda Tsushin Kogyo Co., Ltd. Hirose Electric USA, INC.
|
42R08-3122-200 42R08-3122-250 42R08-3222-250 42R08 |
16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
|
PowerDynamics, Inc
|
42R06-3111-150 42R06-3211-150 42R06-3114-200 42R06 |
16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SNAP-IN, PANEL MOUNT
|
PowerDynamics, Inc
|
B1-12112 B1-13112 |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2A, 28VDC, 0.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2A, 28VDC, 0.46mm, THROUGH HOLE-STRAIGHT
|
OTTO ENGINEERING INC
|
3418 ABS5612413 ABS5612518 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 5.1mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 5.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT
|
|
P6-24003 MIL-PRF-8805/100-008 MIL-PRF-8805/100-017 |
SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7A, 28VDC, 7.37mm, PANEL MOUNT-THREADED SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 7A, 28VDC, 8.13mm, PANEL MOUNT-THREADED SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 7A, 28VDC, 4.45mm, PANEL MOUNT-THREADED
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
DC1EP4LB DC1EP4LC DC3CK7RC DC3CK7SB DC3CK7WC DC3CK |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, 6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, 6.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 6.5mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 9mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 48VDC, 6.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.1A, 30VDC, 6.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 6.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 6.5mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, 6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, 1.6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 48VDC, 1.6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.1A, 30VDC, 1.6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 48VDC, 6.5mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 48VDC, 9mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, 6.5mm, THROUGH HOLE-RIGHT ANGLE
|
ZF Electronics, Corp. THE CHERRY CORP
|
P09XN-FC20CR100K P09X P09XN-FC20AR100K P09XN-FC20B |
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
|
http:// BITECH[Bi technologies]
|
|